Part Number Hot Search : 
1N3315B SM75570 93524 C2026 3386U502 IRFU540 DTD08052 P4KE15A
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at ta=55 c mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current ta=25 c at rated dc blocking voltage t a=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 2.0 70 5.0 100 40 -65 +150 v a a v ns pf notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.40 grams 1.3 250 500 150 vol t age range 50 to 1000 volts current 2.0 amperes dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .034(.9) .028(.7) dia. .140(3.6) .104(2.6) dia. operating and storage temperature range t j , t stg c fr201g thru fr207g 2.0 amp glass passiv ated f ast recovery rectifiers fea tures * low forward voltage drop * high current capability * high reliability * high surge current capability * glass passivated junction fr201g fr202g fr203g FR204G fr205g fr206g fr207g units a a
0.1 1.0 .01 10 50 rating and characteristic curves (fr201g thru fr207g) characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.5 1.0 1.5 2.0 2.5 3.0 140 120 100 80 60 40 20 0 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.4-maximum non-repetitive forward surge current 20 0 40 60 80 100 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) ambient temperature,( c) fig.1-typical forward


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X